PART |
Description |
Maker |
PLUSCON-RCS |
Special pipe spanner, tool for mounting the M23 connector housing (with assembly), for coupling and sleeve housing
|
PHOENIX CONTACT
|
22-01-1154 22-01-1104 29-11-0053 |
CONN RCPT HOUSING 15POS 2.5MM 15 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; Number of Contacts:10; Series:5102-N; Body Material:PA Polyamide (Nylon) 6/6; Number of Rows:1; Pitch Spacing:2.5mm 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP MINI SPOX PLUG HSG 5240051
|
Molex, Inc. MOLEX INC
|
0684291815 68429-1815 |
5.05mm (.198) Pitch Wire-To-Board Connector Housing, 3 Raw, 18 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0494490203 |
7.92mm (.312) Pitch Power Connector Housing, 2 Circuits,Polyester UL94V-0, Yellow MOLEX Connector
|
Molex Electronics Ltd.
|
0009016224 09-01-6224 2574-22A12 |
3.96mm (.156) Pitch KK? Crimp Housing, Edge Card Connector, Single-Sided, Surface Mount, Polarized, Without Flange, 22 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0009016083 09-01-6083 2574-8A4 |
3.96mm (.156) Pitch KK? Crimp Housing, Edge Card Connector, Single-Sided, Surface Mount, Polarized, Without Flange, 8 Circuits, Rib between 5 & 6 MOLEX Connector
|
Molex Electronics Ltd.
|
0474688001 |
2.54mm (.100) MEGA SIM Card Connector, 8 Circuits, Surface Mount, with Guide Rail, Housing Height 2.00mm (.079), Lead Free MOLEX Connector
|
Molex Electronics Ltd.
|
19-09-2026 19-09-2027 |
Connector Housing; Gender:Male; No. of Contacts:2; Series:3191; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Crimp; Contact Current:12A; Height:0.264"; Leaded Process Compatible:No; No. of Rows:1 RoHS Compliant: Yes Connector Housing; Number of Contacts:2; Series:Standard .093"; Connector Body Material:Nylon; Mounting Type:Panel Mount; Number of Rows:1; Pitch Spacing:6.71mm; Contact Termination:Crimp; Terminal Type:Straight Pin
|
MOLEX INC
|
0877153909 87715-3909 |
1.00mm (.039) Pitch, PCI Express* Connector, 230 Circuits, Nylon 4/6 Glass-filled, Black Housing, Phosphor Bronze, 0.38μm (15μ) Gold (Au) Plating, with Plastic Pegs MOLEX Connector
|
Molex Electronics Ltd.
|
IRFE230 2N6798U |
N-Channel Power MOSFET(Vdss:200V,Id(cont):4.8A,Rds(on):0.46Ω)(N沟道功率MOS场效应管(Vdss:200V,Id(cont):4.8A,Rds(on):0.46Ω)) N沟道功率MOSFET(减振钢板基本:200伏,身份证(续).8A时,RDS(上):0.46Ω)(不适用马鞍山沟道功率场效应管(减振钢板基本00伏,身份证(续).8A时,RDS(对):0.46Ω)) N-Channel N沟道
|
NXP Semiconductors N.V. TT electronics Semelab Limited Seme LAB
|
15-06-0101 15-06-0180 15-06-0141 |
MiniFit BMI Rcpt/PanMnt V-0 10Ckt 10 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Connector Housing; No. of Contacts:18; Pitch Spacing:4.2mm; No. of Rows:2; Series:Mini-Fit BMI; Connector Body Material:Nylon; Contact Termination:Crimp 18 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Header Connector,Cable Mnt,PLUG,14 Contacts,SKT,0.165 Pitch,HOLE .164-.189
|
Molex, Inc. MOLEX INC
|
|